Part Number Hot Search : 
10100 ZFMDK07A 30445C TRLPB A0100 40200 C206M S5100
Product Description
Full Text Search
 

To Download AM3T-4805S-RZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am3t-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 1 of 4 north america only features: models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) capacitive load, max ( f) efficiency (%) am3t-1203s-rz 9-18 3.3 900 1500 470 72 am3t-1205s-rz 9-18 5 600 1500 470 76 am3t-1207s-rz 9-18 7.2 417 1500 68 78 am3t-1209s-rz 9-18 9 333 1500 68 78 am3t-1212s-rz 9-18 12 250 1500 47 80 am3t-1215s-rz 9-18 15 200 1500 47 80 am3t-1218s-rz 9-18 18 167 1500 22 80 am3t-1224s-rz 9-18 24 125 1500 22 80 am3t-2403s-rz 18-36 3.3 900 1500 470 72 am3t-2405s-rz 18-36 5 600 1500 470 76 am3t-2407s-rz 18-36 7.2 417 1500 68 79 am3t-2409s-rz 18-36 9 333 1500 68 78 am3t-2412s-rz 18-36 12 250 1500 47 80 am3t-2415s-rz 18-36 15 200 1500 47 82 am3t-2418s-rz 18-36 18 167 1500 22 79 am3t-2424s-rz 18-36 24 125 1500 22 82 am3t-4803s-rz 36-72 3.3 900 1500 470 72 AM3T-4805S-RZ 36-72 5 600 1500 470 76 am3t-4807s-rz 36-72 7.2 417 1500 68 77 am3t-4809s-rz 36-72 9 333 1500 68 78 am3t-4812s-rz 36-72 12 250 1500 47 80 am3t-4815s-rz 36-72 15 200 1500 47 80 am3t-4818s-rz 36-72 18 167 1500 22 80 am3t-4824s-rz 36-72 24 125 1500 22 80 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) capacitive load, max ( f) efficiency (%) am3t-1203d-rz 9-18 3.3 450 1500 220 72 am3t-1205d-rz 9-18 5 300 1500 220 76 am3t-1207d-rz 9-18 7.2 208 1500 33 78 am3t-1209d-rz 9-18 9 167 1500 33 80 am3t-1212d-rz 9-18 12 125 1500 22 80 am3t-1215d-rz 9-18 15 100 1500 22 80 am3t-1218d-rz 9-18 18 84 1500 10 78 am3t-1224d-rz 9-18 24 63 1500 10 80 am3t-2403d-rz 18-36 3.3 450 1500 220 72 am3t-2405d-rz 18-36 5 300 1500 220 78 am3t-2407d-rz 18-36 7.2 208 1500 33 81 am3t-2409d-rz 18-36 9 167 1500 33 80 am3t-2412d-rz 18-36 12 125 1500 22 82 am3t-2415d-rz 18-36 15 100 1500 22 82 am3t-2418d-rz 18-36 18 84 1500 10 82 am3t-2424d-rz 18-36 24 63 1500 10 82 ? rohs compliant ? ? wide 2:1 input range ? ? high efficiency up to 82% ? ? auto recovery short circuit protection ?
series am3t-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 2 of 4 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) capacitive load, max ( f) efficiency (%) am3t-4803d-rz 36-72 3.3 450 1500 220 72 am3t-4805d-rz 36-72 5 300 1500 220 76 am3t-4807d-rz 36-72 7.2 208 1500 33 78 am3t-4809d-rz 36-72 9 167 1500 33 78 am3t-4812d-rz 36-72 12 125 1500 22 80 am3t-4815d-rz 36-72 15 100 1500 22 80 am3t-4818d-rz 36-72 18 84 1500 10 78 am3t-4824d-rz 36-72 24 63 1500 10 80 input specifications parameters nominal typical maximum units voltage range 12 24 48 9-18 18-36 36-72 vdc filter ? ? isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc case/ input & output 1000 vdc resistance > 1000 mohm capacitance 470 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance dual output 1 % short circuit protection continuous short circuit restart auto recovery current limiting 120% of iout max line voltage regulation ll-hl 0.5 % load voltage regulation load: 10?100% 0.5 % load voltage regulation 3.3v/3.3v models load: 10?100% 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p-p rising time 10 ms general specifications parameters conditions typical maximum units switching frequency 100% load 266 khz operating temperature full load without derating -40 to +85 o c storage temperature -40 to +125 o c max case temperature 100 o c cooling free air convection humidity 95 % rh
series am3t-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 3 of 4 north america only general specifications (continued) parameters conditions typical maximum units case material nickel-coated copper weight 17 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.28 x 0. 84 x 0.41 inches 32.25 x 21.35 x 10.5 mm mtbf >1 121 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. safety specifications parameters agency approvals ce safety standards en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-5, perf. criteria b (e xternal 220uf/100v cap required) iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet iec 60950-1:2001 pin out specifications dimensions test circuits conducted emissions: pin 1500vdc single dual 2 -v input -v input 3 -v input -v input 9 no pin common 11 n.c. -v output 14 +v output +v output 16 -v output common 22 +v input +v input 23 +v input +v input 27.96 (1.10) 21.35 (0.84) 2.54 (0.10) printed face built-in stand-offs to ease pcb cleaning 10.50 (0.41) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 32.25 (1.28) bottom view 2 3 911 14 16 22 23 all dimensions are typical: millimeters (inches) pin diameter: 0.50 0.05 (0.02 0.002) pin pitch tolerance: 0.35 (0.014) case tolerence: 0.5 (0.02) 1 24 10 12 15 13 0.25 (0.01)
series am3t-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 4 of 4 north america only note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM3T-4805S-RZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X